Part Number Hot Search : 
PMBD353 4501M 15N65 ONTROL SHF1109 200100 4N30SD MS985C4
Product Description
Full Text Search
 

To Download P0900EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description of part number p thy r istor for circuit prote c tion part number p 310 0 e b code main suffix product type product type p type median voltage rating code median voltage rating 310 310 v construction variable code product shape 0 one chip 1 unidirectional part 2 two chips 3 three chips package type code package type e t o ?9 2 m d o -27 s s m b/ do?214aa r s m a/do-214ac l do -15 ipp ra ting cod e ipp ra ting b 2 5 0 a ( 8 x 2 0 s) c 4 0 0 a ( 8 x 2 0 s) d 1000 a (8x20 s) a 1 5 0 a (8x20 s) applica t ions whe n prote c t i ng telecom m unication circuits, p device s are conn ected a c ro ss tip and ring for metallic protection and a c ro ss ti p and g r oun d and rin g an d grou nd for l ongitudi nal protection. the y typically are place d behi n d some type of curren t-limiting devi c e. co mmon appli c ation s inclu de: ? central office line ca rd s (slics) ? t-1/e-1, isdn, an d xdsl transmissio n equipm ent ? custome r p r emi s e s equi pment (cpe) su ch a s pho n e s, mode ms, and caller id adjun ct boxe s ? pbxs, ksu s, and other switches ? primary prot ection in clu d ing main di stri bution fram es, five-pin mod u les, buil d ing entran c e e qui pment, and st ation prote c tion mo dule s ? dat a lines a nd se cu rit y sy st em s ? catv line amplifiers and power in se rte r s ? s p rinkle r sy st em s thyristor/ t0-92 ser ies rev.201 4 . 05 . 01 0 1 | www.spsemi.cn
thermal considerations p a c k a g e t o - 9 2 symbol para mete r value unit t j o p e r a t i n g j u n c t i o n t e m p e r a t u r e - 4 0 t o + 1 5 0 c t s s t o r a g e t e m p e r a t u r e r a n g e - 6 5 t o + 1 5 0 c r b j a t h e r m a l r e s i s t a n c e : junction to ambient 9 0 c /w surge ratings s e r i e s ipp 2 x 1 0 s a m p s ipp 8 x 2 0 s a m p s ipp 1 0 x 1 6 0 s a m p s ipp 1 0 x 5 6 0 s a m p s ipp 1 0 x 1 0 0 0 s a m p s i t s m 6 0 h z a m p s d i / d t a m p s / s a 1 5 0 1 5 0 9 0 5 0 4 5 2 0 5 0 0 b 2 5 0 2 5 0 1 5 0 1 0 0 8 0 3 0 5 0 0 c 5 0 0 4 0 0 2 0 0 1 5 0 1 0 0 5 0 5 0 0 p d e vi c e ( e se r i e s) t o - 9 2 p solid state p r otectio n dev ice s protect telecom m uni cation s eq ui pment such as modem s, line card s, fax machi n e s , and other cpe. p devices are used to enable equi pm ent to meet variou s re gulat ory requi rem en t s in c l udin g gr 10 89, itu k.20, k.21, and k.45, iec 609 50, ul 6095 0, and t i a-968 (fo r me rly kno w n a s fcc pa rt 68) electrical parameters p a r t number * v d r m v o l t s v s v o l t s v t v o l t s i d r m a m p s i s m a m p s i t a m p s * * i h m a m p s c o p f p 0 0 8 0 e _ 6 2 5 4 5 8 0 0 2 . 2 5 0 50-125 p 0 3 0 0 e _ 2 5 4 0 4 5 8 0 0 2 . 2 1 5 0 70-175 p 0 6 4 0 e _ 5 8 7 7 4 5 8 0 0 2 . 2 1 5 0 55-140 p 0 7 2 0 e _ 6 5 8 8 4 5 8 0 0 2 . 2 1 5 0 55-140 p 0 9 0 0 e _ 7 5 9 8 4 5 8 0 0 2 . 2 1 5 0 55-140 p 2 3 0 0 e _ 1 9 0 2 6 0 4 5 8 0 0 2 . 2 1 5 0 45-115 p 2 6 0 0 e _ 2 2 0 3 0 0 4 5 8 0 0 2 . 2 1 5 0 40-100 p 3 1 0 0 e _ 2 7 5 3 5 0 4 5 8 0 0 2 . 2 1 5 0 35-90 p 3 5 0 0 e _ 3 2 0 4 0 0 4 5 8 0 0 2 . 2 1 5 0 30-75 2 8 * f or i nd i vi d ual ? e a ? , ? e b ? , a nd ? e c ? s urge rat i ng s , s ee t abl e bel o w thyristor/ t0-92 ser ies rev.201 4 . 05 . 01 0 2 | www.spsemi.cn
the basic characteristic of the p ? the principl e introduc tio n opera t ion in the standb y mode, p devices exhi bit a high off-state impeda nce, eliminati ng exce ssive leakag e cu rrents and app eari n g transp a rent to the circuit s they protec t. upon appli c ation of a voltage exce e d ing the swit chin g voltage (v s ), p devices cro w b a r an d simulate a sh ort circuit co n d ition until the curre n t flowing throug h the device is eith er interrupte d or drop s bel o w the p device?s hol ding current (i h ). once this occurs , p device s reset and return to their hi gh off-state i m peda nce. figure1 v-i characteristics figure2 tr x td pulse wave-form figure3 normalized v s change versus junction temperature figure4 normalized dc holdin g current thyristor/ t0-92 ser ies rev.201 4 . 05 . 01 0 3 | www.spsemi.cn


▲Up To Search▲   

 
Price & Availability of P0900EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X